PART |
Description |
Maker |
ZM-PTZ9.1B ZM-PTZ10B ZM-PTZ11B ZM-PTZ12B ZM-PTZ13B |
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55B, 142B, 223, 400 RoHS Compliant: Yes 硅平面稳压二极管外延 RECEPTACLE RoHS Compliant: Yes 硅平面稳压二极管外延 PLUG RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Bulkhead Jack RoHS Compliant: Yes 硅平面稳压二极管外延 SILICON EPITAXIAL PLANAR ZENER DIODES 硅平面稳压二极管外延 SMA, Connector RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter, Plug-Jack; Body Plating:Passivated Steel RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Right Angle Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:174, 178, 187, 188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
FS6051 FS6050 FS6053 FS6054 11257-813 11257-816 11 |
LOW-SKEW CLOCK FANOUT BUFFER ICs 低偏移时钟扇出缓冲器集成电路 Coaxial Cable; Coaxial RG/U Type:178B; Impedance:50ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:FEP; Cable/Wire MIL SPEC:M17/169-00001; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
10DL2CZ47A 10FL2CZ47A 10GL2CZ47A |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes DIODE ( SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
C1178 |
RG 58 A/U TYPE COAXIAL CABLE
|
General Cable Technologies Corporation
|
C1155 |
RG 58C/U TYPE COAXIAL CABLE
|
General Cable Technolog...
|
A29512L-90 A29512L-70 A29512L-55 A29512V-55 A29512 |
Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K的8位CMOS 5.0伏只,统一部门快闪记忆 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
C8024 |
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV - Cable
|
General Cable Technologies Corporation
|
09N4268 |
RF/Coaxial Connector; RF Coax Type:MHV; Contact Termination:Clamp; Body Style:Straight Jack; RG Cable Type:59, 62, 71, 140, 210 RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
C8030 |
RG 59/U Type Coaxial & 2/C 18 AWG Siamese CCTV- Plenum Cable
|
General Cable Technologies Corporation
|
C50394101 C5039.41.01 |
C5039, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|
C57701801 C5770.18.01 |
C5770, Coaxial Cable, RG59/U Type, 22 AWG Solid Copper Clad Steel
|
General Cable Technologies Corporation
|